PART |
Description |
Maker |
STA308A |
Transistor Array For Source Drive
|
Sanken
|
UN227 |
Transistor array to drive the small motor
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
UNA0227 UN227 |
Composite Device - Small Signal Transistor Arrays Transistor array to drive the small motor
|
PANASONIC[Panasonic Semiconductor]
|
UNA0217 UN217 |
Composite Device - Small Signal Transistor Arrays Transistor array to drive the small motor
|
PANASONIC[Panasonic Semiconductor]
|
BCR22PN Q62702-C2375 BCR22 BCR22PNQ62702C2375 |
NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit) From old datasheet system ECONOLINE: REZ - Cost Effective- 1kVDC & 2kVDC Isolation- Custom Solutions Available- No Extern. Components Required- UL94V-0 Package Material- Efficiency to 85% TRANSISTOR DIGITAL SOT363 NPN/PNP Silicon Digital Tansistor Array (Switching circuit/ inverter/ interface circuit/ drive circuit)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
OM6407SD OM6406SD OM6408SD OM6405SD |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 200V V(BR)DSS | 8A I(D) | FP TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 500V V(BR)DSS | 4.5A I(D) | FP TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 400V V(BR)DSS | 5.5A I(D) | FP 晶体管| MOSFET的|阵| N沟道| 400V五(巴西)直| 5.5AI(四)|计划生育 TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 8A I(D) | FP 晶体管| MOSFET的|阵| N沟道| 100V的五(巴西)直| 8A条(丁)|计划生育
|
Mitsubishi Electric, Corp.
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
MP4015 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive. Inductive Load Switching. TOSHIBA Power Transistor Module
|
TOSHIBA[Toshiba Semiconductor]
|
2SB1457 |
TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE , POWER SWITCHING, AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SD1140 |
Transistor Silicon NPN Epitaxial Type (PCT process) (Darlington power transistor) Micro Motor Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
|
TOSHIBA
|